Part Number Hot Search : 
2SA2042 SMLJ60CA KMC4S110 LRG5AP 104J100 CY23S02 90HBW03T AT90S85
Product Description
Full Text Search
 

To Download 1782680000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  product catalogue | sensor-actuator-interface (sai) | sai - passive | m12 distributor | hood version | sai-4/6/8-m 5p m12 - 1 - general ordering data order no. 1701251000 part designation sai-8-m 5p m12 ut version sensor-actuator passive distributor, m12, hood version, led: yes ean 4032248003136 qty. 2 pc(s). dimensions length 152 mm technical data ambient temperature, max. 90 c ambient temperature, min. -20 c behaviour in fire v-0 bus system without cable gland m 20 clamping range, max. 1.5 mm2 clamping range, min. 0.08 mm2 conductor o.d., max. 12 mm conductor o.d., min. 6 mm contact carrier material pbt ul 94 v0 contact material cuzn, pre-nickeled, gold-plated contact surface tinned contact tube o-ring material viton contact tube diameter m12 current per signal 2 a electrical isolation available yes hood sealing material viton housing colour grey, ral 7032 housing material pocan insulation resistance 1 m led colour for i/o function yellow led colour for indicating operation green led initiator yes number of contact sockets 8 ordering data, title sai-4/6/8-m plugging cycles < = 50 pollution severity 3 protection class ip 68 rated voltage 32 v dc sheathing stripping length 100 mm smallest strand diameter 0 mm test voltage 1 kveff threaded sockets cuzn, nickel-plated total current 10 a wiring diagram max. current-carrying capacity per slot 3 a max. voltage 30 v dc min. voltage 10 v no. of poles 5 version base
product catalogue | sensor-actuator-interface (sai) | sai - passive | m12 distributor | hood version | sai-4/6/8-m 5p m12 - 2 - technical data approvals approvals institutes classifications etim 2.0 nk etim 3.0 ec001856 eclass 4.1 nk eclass 5.0 nk eclass 5.1 nk similar products order no. part designation version 1701230000 sai-4-m 5p m12 sensor-actuator passive distributor, m12, hood version, led: yes 1800000000 sai-4-m 5p m12 ol sensor-actuator passive distributor, m12, hood version, led: no 1701231000 sai-4-m 5p m12 ut sensor-actuator passive distributor, m12, hood version, led: yes 1782680000 sai-4/6/8-mh 5p pur 10m sensor-actuator passive distributor, m12, hood version, led: no 1752080050 sai-4/6/8-mh blzf3.5 sv sensor-actuator passive distributor, m12, hood version 1701240000 sai-6-m 5p m12 sensor-actuator passive distributor, m12, hood version, led: yes 1701241000 sai-6-m 5p m12 ut sensor-actuator passive distributor, m12, hood version, led: yes 1701250000 sai-8-m 5p m12 sensor-actuator passive distributor, m12, hood version, led: yes 1781060000 sai-8-m 5p m12 npn sensor-actuator passive distributor, m12, hood version, led: yes 1740190000 sai-8-m 5p m12 ol sensor-actuator passive distributor, m12, hood version, led: no 1740191000 sai-8-m 5p m12 ol ut sensor-actuator passive distributor, m12, hood version, led: no 1816610000 sai-8-m 5p m12 ol2 sensor-actuator passive distributor, m12, hood version, led: no 1767880000 sai-8-m 5p m12 zf iii sensor-actuator passive distributor, m12, hood version, led: yes


▲Up To Search▲   

 
Price & Availability of 1782680000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X